PART |
Description |
Maker |
SP2300SC |
Thyistor Surge Protector
|
Guangzhou Juxing Electr...
|
TISP4072F3LMFR TISP4180F3LMFR TISP4072F3LMR TISP40 |
72 V, 4 A, SILICON SURGE PROTECTOR, DO-92 PLASTIC PACKAGE-2 BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 180 V, 4 A, SILICON SURGE PROTECTOR, DO-92 82 V, 4 A, SILICON SURGE PROTECTOR, DO-92 240 V, 4 A, SILICON SURGE PROTECTOR, DO-92
|
Bourns, Inc. BOURNS INC
|
TISP3072F3P-S TISP3082F3P |
TISP Thyristor Overvoltage Protectors Low Voltage Dual Bidirectional 72 V, 5.7 A, SILICON SURGE PROTECTOR, MS-001BA 82 V, 5.7 A, SILICON SURGE PROTECTOR, MS-001BA
|
Bourns, Inc. BOURNS INC
|
TISP4145H3BJR TISP4395H3BJR |
TISP Thyristor Overvoltage Protectors 120V 145 V, 60 A, SILICON SURGE PROTECTOR, DO-214AA 395 V, 60 A, SILICON SURGE PROTECTOR, DO-214AA
|
Bourns, Inc. BOURNS INC
|
TISP4C125H3BJR-S TISP4C350H3BJ |
SURGE PROT THYRIST 125V TELECOM 125 V, 30 A, SILICON SURGE PROTECTOR LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solut...
|
TSMBJ1006C TSMBJ1012C TSMBJ1022C TSMBJ1024C TSMBJ1 |
Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 110 V, 60 A, SILICON SURGE PROTECTOR, DO-214AA Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 210 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 250 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA
|
Littelfuse, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation] Micro Commercial Components
|
TISP4070M3LMR TISP4070M3LMFR TISP4250M3LMFR |
SILICON SURGE PROTECTOR, DO-92 PLASTIC, DO-92, 2 PIN SILICON SURGE PROTECTOR DO-92, 2 PIN
|
Bourns, Inc. POWER INNOVATIONS LTD
|
A5030A A5030U A5030Z F1251T P0080SAMC P0300ZA P030 |
solid state crowbar devices 25 V, four-port metallic line protector 65 V, four-port longitudinal two-chip protector 58 V, four-port longitudinal two-chip protector 120 V, four-port metallic line protector 90 V, four-port metallic line protector 75 V, four-port metallic line protector 58 V, ethernet/10 base T/100 Base T protector 65 V, four-port metallic line protector 275 V, two-chip microcapacitance sidactor device 100 V, LCAS asymmetrical multiport device 400 V, multiport balanced sidactor device 100 mA, battrax quad negative SLIC protector 160 mA, battrax quad negative SLIC protector 200 mA, battrax quad negative SLIC protector 400 V, balanced three-chip sidactor device 200 mA, battrax dual negative SLIC protector 58 V, multiport SLIC protector 75 V, multiport SLIC protector 100 mA, battrax dual negative SLIC protector 160 mA, battrax dual negative SLIC protector 65 V, multiport SLIC protector 95 V, multiport SLIC protector 550 V, 50 mA, high surge current sidactor device 25 V, four-port longitudinal two-chip protector 90 V, four-port longitudinal two-chip protector 120 V, four-port longitudinal two-chip protector 190 V, four-port longitudinal two-chip protector 275 V, four-port longitudinal two-chip protector
|
Teccor Electronics
|
R-821PVF V-821PVF M-821PVF M-411PVF R-411PVF V-411 |
SURGE PROTECTOR
|
Okaya Electric America, Inc.
|
1830 |
T1/E1 SURGE PROTECTOR
|
Bourns Inc. Bourns Electronic Solutions
|
P1100ZB |
30 A, SILICON SURGE PROTECTOR
|
|
|